| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 280 Page - Renesas Technology Corp |
|
280 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 252 of 1270 REJ09B0466-0100 6.8.9 Precharge State Count When the interval specification from the PALL command to the next ACTV/REF command cannot be satisfied, from one to four T p states can be selected by setting bits TPC1 and TPC0 in DRACCR. Set the optimum number of T p cycles according to the synchronous DRAM connected and the operating frequency of this LSI. Figure 6.59 shows the timing when two Tp states are inserted. |