| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 264 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 264 Page - Renesas Technology Corp |
|
264 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 236 of 1270 REJ09B0466-0100 A setting can be made in bits RCW1 and RCW0 in REFCR to delay RAS signal output by one to three cycles. Use bits RLW1 and RLW0 in REFCR to adjust the width of the RAS signal. The settings of bits RCW1, RCW0, RLW1, and RLW0 are valid only in refresh operations. Figure 6.49 shows the timing when bits RCW1 and RCW0 are set. TRp CSn (RASn) TRrw TRr TRc1 UCAS, CAS TRc2 φ Figure 6.49 CBR Refresh Timing (RCW1 = 0, RCW0 = 1, RLW1 = 0, RLW0 = 0) |