| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 227 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 227 Page - Renesas Technology Corp |
|
227 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 199 of 1270 REJ09B0466-0100 By program wait T1 Address bus φ AS RD Data bus Read data Read HWR, LWR Write data Write WAIT Data bus T2 Tw Tw Tw T3 By WAIT pin Notes: 1. Downward arrows indicate the timing of WAIT pin sampling. 2. When RDNn = 0 Figure 6.18 Example of Wait State Insertion Timing 6.5.5 Read Strobe ( RD) Timing The read strobe ( RD) timing can be changed for individual areas by setting bits RDN7 to RDN0 to 1 in RDNCR. Figure 6.19 shows an example of the timing when the read strobe timing is changed in basic bus 3-state access space. When the DMAC or EXDMAC is used in single address mode, note that if the RD timing is changed by setting RDNn to 1, the RD timing will change relative to the rise of DACK or EDACK. |