| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 220 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 220 Page - Renesas Technology Corp |
|
220 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 192 of 1270 REJ09B0466-0100 (3) 16-Bit, 2-State Access Space Figures 6.12 to 6.14 show bus timings for a 16-bit, 2-state access space. When a 16-bit access space is accessed, the upper half (D15 to D8) of the data bus is used for even addresses, and the lower half (D7 to D0) for odd addresses. Wait states cannot be inserted. Bus cycle T1 T2 Address bus φ CSn AS RD D15 to D8 Valid D7 to D0 Invalid Read HWR LWR D15 to D8 Valid D7 to D0 Write High High impedance Notes: 1. n = 0 to 7 2. When RDNn = 0 Figure 6.12 Bus Timing for 16-Bit, 2-State Access Space (Even Address Byte Access) |