| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 143 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 143 Page - Renesas Technology Corp |
|
143 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 115 of 1270 REJ09B0466-0100 • ISCRL Bit Bit Name Initial Value R/W Description 15 14 IRQ7SCB IRQ7SCA 0 0 R/W R/W IRQ7 Sense Control B IRQ7 Sense Control A 00: Interrupt request generated at IRQ7 input low level 01: Interrupt request generated at falling edge of IRQ7 input 10: Interrupt request generated at rising edge of IRQ7 input 11: Interrupt request generated at both falling and rising edges of IRQ7 input 13 12 IRQ6SCB IRQ6SCA 0 0 R/W R/W IRQ6 Sense Control B IRQ6 Sense Control A 00: Interrupt request generated at IRQ6 input low level 01: Interrupt request generated at falling edge of IRQ6 input 10: Interrupt request generated at rising edge of IRQ6 input 11: Interrupt request generated at both falling and rising edges of IRQ6 input 11 10 IRQ5SCB IRQ5SCA 0 0 R/W R/W IRQ5 Sense Control B IRQ5 Sense Control A 00: Interrupt request generated at IRQ5 input low level 01: Interrupt request generated at falling edge of IRQ5 input 10: Interrupt request generated at rising edge of IRQ5 input 11: Interrupt request generated at both falling and rising edges of IRQ5 input |