| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 137 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 137 Page - Renesas Technology Corp |
|
137 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 109 of 1270 REJ09B0466-0100 Bit Bit Name Initial Value R/W Description 7 — 0 — Reserved This bit is always read as 0 and the initial value should not be changed. 6 5 4 IPR6 IPR5 IPR4 1 1 1 R/W R/W R/W Sets the priority of the corresponding interrupt source. 000: Priority level 0 (Lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (Highest) 3 — 0 — Reserved This bit is always read as 0 and the initial value should not be changed. 2 1 0 IPR2 IPR1 IPR0 1 1 1 R/W R/W R/W Sets the priority of the corresponding interrupt source. 000: Priority level 0 (Lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (Highest) |