| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1149 Page - Renesas Technology Corp |
|
1149 / 1302 page ![]() Section 24 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1121 of 1270 REJ09B0466-0100 24.5.6 Notes on Clock Division Mode The following points should be noted in clock division mode. • Select the clock division ratio by the STC1 and STC0 bits so that the frequency of φ is within the operation guaranteed range of clock cycle time tcyc shown in the Electrical Characteristics. In other words, the frequency of φ must be 8 MHz or higher; be careful not so specify φ < 8 MHz. • All the on-chip peripheral modules operate on the φ. Therefore, note that the time processing of modules such as a timer and SCI differ before and after changing the clock division ratio. In addition, the wait time for clearing software standby mode differs by changing the clock division ratio. • Note that the frequency of φ will be changed by changing the clock division ratio. |