| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1094 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1094 Page - Renesas Technology Corp |
|
1094 / 1302 page ![]() Section 21 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1066 of 1270 REJ09B0466-0100 (2) Bit-Rate-Adjustment State The bit rate is calculated by measuring the period of transfer of a low-level byte (H'00) from the host. The bit rate can be changed by the command for a new bit rate selection. After the bit rate has been adjusted, the boot program enters the inquiry and selection state. The bit-rate-adjustment sequence is shown in figure 21.9. Host Boot Program H'00 (30 times maximum) H'E6 (Boot response) Measuring the 1-bit length H'00 (Completion of adjustment) H'55 H'FF (error) Figure 21.9 Bit-Rate-Adjustment Sequence |