| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1088 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1088 Page - Renesas Technology Corp |
|
1088 / 1302 page ![]() Section 21 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1060 of 1270 REJ09B0466-0100 21.6.1 Sequencer Status (FMRDY Bit) The sequencer status bit indicates the state of flash memory operation. Its value is 0 during execution of a program, block erase, or block blank check and 1 in other cases. 21.6.2 Erase Status (FMERSF Bit) Refer to section 21.7, Full Status Check. 21.6.3 Programming Status (FMPRSF Bit) Refer to section 21.7, Full Status Check. |