công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 1067 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 1067 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1071Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1067 / 1302 page
background image
Section 20 RAM
Rev. 1.00 Sep. 19, 2008 Page 1039 of 1270
REJ09B0466-0100
Section 20 RAM
This LSI has an on-chip high-speed static RAM. The RAM is connected to the CPU by a 16-bit
data bus, enabling one-state access by the CPU to both byte data and word data.
The on-chip RAM can be enabled or disabled by means of the RAME bit in the system control
register (SYSCR). For details on the system control register (SYSCR), see section 3.2.2, System
Control Register (SYSCR).
Product Type
ROM Type
RAM
Capacity
RAM Address
H8S/24269
R4F24269
Flash memory version
64 Kbytes*
H8S/24269R
R4F24269R
H8S/24249
R4F24249
H'FEC000 to H'FFBFFF
H8S/24268
R4F24268
48 Kbytes
H8S/24268R
R4F24268R
H8S/24265
R4F24265
H8S/24265R
R4F24265R
H8S/24248
R4F24248
H8S/24245
R4F24245
H'FF0000 to H'FFBFFF
H8S/24262
R4S24262
ROM-less version
64 Kbytes*
H8S/24262R
R4S24262R
H8S/24242
R4S24242
H'FEC000 to H'FFBFFF
H8S/24261
R4S24261
48 Kbytes
H8S/24261R
R4S24261R
H8S/24241
R4S24241
H'FF0000 to H'FFBFFF
Note:
*
In planning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More