công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 1021 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 1021 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1302 page
background image
Section 18 D/A Converter
Rev. 1.00 Sep. 19, 2008 Page 993 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
DAE
0
R/W
D/A Enable
This bit is used together with the DAOE2 and DAOE3
bits to control D/A conversion. When the DAE bit is
cleared to 0, channel 2 and 3 D/A conversions are
controlled independently. When the DAE bit is set to 1,
channel 2 and 3 D/A conversions are controlled
together.
Output of conversion results is always controlled
independently by the DAOE2 and DAOE3 bits. For
details, see table 18.2.
4 to 0
—
All 1
—
Reserved
These bits are always read as 1 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More