| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1003 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1003 Page - Renesas Technology Corp |
|
1003 / 1302 page ![]() Section 17 A/D Converter Rev. 1.00 Sep. 19, 2008 Page 975 of 1270 REJ09B0466-0100 ADST ADF ADDRA ADDRB ADDRC ADDRD Set*1 Clear*1 Clear*1 *2 Waiting for conversion Channel 0 (AN0) operation state Channel 1 (AN1) operation state Channel 2 (AN2) operation state Channel 3 (AN3) operation state Waiting for conversion A/D conver- sion 1 A/D conversion result 3 Waiting for conversion Waiting for conversion Waiting for conversion A/D conversion result 2 A/D conversion result 4 A/D conver- sion 5 A/D conver- sion 4 A/D conversion time Waiting for conversion A/D conver- sion 3 Waiting for conversion Waiting for conversion Waiting for conversion A/D conver- sion 2 A/D conversion result 1 Transfer A/D conversion consecutive execution Notes: 1. 2. ↓ indicates the timing of instruction execution by software. Data being converted is ignored. Figure 17.4 Example of A/D Conversion (Continuous Scan Mode, Three Channels (AN0 to AN2) Selected) |