| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 978 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 978 Page - Renesas Technology Corp |
|
978 / 1302 page ![]() Section 16 I 2C Bus Interface 2 (IIC2) Rev. 1.00 Sep. 19, 2008 Page 950 of 1270 REJ09B0466-0100 TDRE=1 ? Yes Yes No Slave transmit mode Clear AAS in ICSR Write transmit data in ICDRT Read TDRE in ICSR End of transmission? Write transmit data in ICDRT Read TEND in ICSR Clear TEND in ICSR Set TRS=0 in ICCRA Dummy read ICDRR Clear TDRE in ICSR End [1] Clear the flag AAS. [2] Set transmit data for ICDRT (except for the last data). [3] Wait for ICDRT empty. [4] Set the last byte of the transmit data. [5] Wait the transmission end of the last byte. [6] Clear the flag TEND. [7] Set slave receive mode. [8] Dummy read ICDRR to release the SCL line. [9] Clear the flag TDRE. No No Yes TEND=1 ? [1] [2] [3] [4] [5] [6] [7] [8] [9] Figure 16.16 Sample Flowchart for Slave Transmit Mode |