| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 930 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 930 Page - Renesas Technology Corp |
|
930 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 902 of 1270 REJ09B0466-0100 The timing for setting the TEND flag depends on the value of the GM bit in SMR. The TEND flag generation timing is shown in figure 15.27. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp I/O data 12.5 etu TXI (TEND interrupt) 11.0 etu DE Guard time When GM = 0 When GM = 1 : Start bit : Data bits : Parity bit : Error signal Legend: Ds D0 to D7 Dp DE Note: etu (Elementary Time Unit): Time for transfer of 1 bit Figure 15.27 TEND Flag Generation Timing in Transmission Operation |