công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 922 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 922 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 918Page - Renesas Technology Corp H8S/2426 Datasheet HTML 919Page - Renesas Technology Corp H8S/2426 Datasheet HTML 920Page - Renesas Technology Corp H8S/2426 Datasheet HTML 921Page - Renesas Technology Corp H8S/2426 Datasheet HTML 922Page - Renesas Technology Corp H8S/2426 Datasheet HTML 923Page - Renesas Technology Corp H8S/2426 Datasheet HTML 924Page - Renesas Technology Corp H8S/2426 Datasheet HTML 925Page - Renesas Technology Corp H8S/2426 Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 894 of 1270
REJ09B0466-0100
Yes
<End>
[1]
No
Initialization
Start of transmission/reception
[5]
Error handling
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
ORER = 1?
All data received?
[2]
Read TDRE flag in SSR
No
Yes
TDRE = 1?
Write transmit data to TDR and
clear TDRE flag in SSR to 0
No
Yes
RDRF = 1?
Read ORER flag in SSR
[4]
Read RDRF flag in SSR
Clear TE and RE bits in SCR to 0
Note: When switching from transmit or receive operation to simultaneous
transmit and receive operations, first clear the TE and RE bits to 0,
then set both these bits to 1 simultaneously.
[1]
[2]
[3]
[4]
[5]
SCI initialization:
The TxD pin is designated as the
transmit data output pin, and the
RxD pin is designated as the
receive data input pin, enabling
simultaneous transmit and receive
operations.
SCI status check and transmit data
write:
Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR and clear the
TDRE flag to 0.
Transition of the TDRE flag from 0 to
1 can also be identified by a TXI
interrupt.
Receive error handling:
If a receive error occurs, read the
ORER flag in SSR, and after
performing the appropriate error
handling, clear the ORER flag to 0.
Transmission/reception cannot be
resumed if the ORER flag is set to 1.
SCI status check and receive data
read:
Read SSR and check that the
RDRF flag is set to 1, then read the
receive data in RDR and clear the
RDRF flag to 0. Transition of the
RDRF flag from 0 to 1 can also be
identified by an RXI interrupt.
Serial transmission/reception
continuation procedure:
To continue serial transmission/
reception, before the MSB (bit 7) of
the current frame is received, finish
reading the RDRF flag, reading
RDR, and clearing the RDRF flag to
0. Also, before the MSB (bit 7) of
the current frame is transmitted,
read 1 from the TDRE flag to
confirm that writing is possible.
Then write data to TDR and clear
the TDRE flag to 0.
Checking and clearing of the TDRE
flag is automatic when the DMAC or
DTC is activated by a transmit-data-
empty interrupt (TXI) request and
data is written to TDR. Also, the
RDRF flag is cleared automatically
when the DMAC or DTC is activated
by a receive-data-full interrupt (RXI)
request and the RDR value is read.
Figure 15.20 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com