| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 835 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 835 Page - Renesas Technology Corp |
|
835 / 1302 page ![]() Section 13 8-Bit Timers (TMR) Rev. 1.00 Sep. 19, 2008 Page 807 of 1270 REJ09B0466-0100 Bit Bit Name Initial Value R/W Description 3 2 OS3 OS2 0 0 R/W R/W Output Select 3 and 2 These bits select a method of TMO pin output when compare match B of TCORB and TCNT occurs. 00: No change when compare match B occurs 01: 0 is output when compare match B occurs 10: 1 is output when compare match B occurs 11: Output is inverted when compare match B occurs (toggle output) 1 0 OS1 OS0 0 0 R/W R/W Output Select 1 and 0 These bits select a method of TMO pin output when compare match A of TCORA and TCNT occurs. 00: No change when compare match A occurs 01: 0 is output when compare match A occurs 10: 1 is output when compare match A occurs 11: Output is inverted when compare match A occurs (toggle output) Note: * Only 0 can be written to, to clear these flags. |