| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 775 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 775 Page - Renesas Technology Corp |
|
775 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 747 of 1270 REJ09B0466-0100 c. Phase counting mode 3 Figure 11.28 shows an example of phase counting mode 3 operation, and table 11.35 summarizes the TCNT up/down-count conditions. Time Up-count Down-count TCNT value TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 11.28 Example of Phase Counting Mode 3 Operation Table 11.35 Up/Down-Count Conditions in Phase Counting Mode 3 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKE (Channels 7 and 11) TCLKG (Channels 8 and 10) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) TCLKF (Channels 7 and 11) TCLKH (Channels 8 and 10) Operation High level Don't care Low level Don't care Low level Don't care High level Up-count High level Down-count Low level Don't care High level Don't care Low level Don't care [Legend] : Rising edge : Falling edge |