công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 765Page - Renesas Technology Corp H8S/2426 Datasheet HTML 766Page - Renesas Technology Corp H8S/2426 Datasheet HTML 767Page - Renesas Technology Corp H8S/2426 Datasheet HTML 768Page - Renesas Technology Corp H8S/2426 Datasheet HTML 769Page - Renesas Technology Corp H8S/2426 Datasheet HTML 770Page - Renesas Technology Corp H8S/2426 Datasheet HTML 771Page - Renesas Technology Corp H8S/2426 Datasheet HTML 772Page - Renesas Technology Corp H8S/2426 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 741 of 1270
REJ09B0466-0100
Figure 11.23 shows an example of PWM mode 2 operation.
In this example, synchronous operation is designated for channels 0 and 1, TGRB_1 compare
match is set as the TCNT clearing source, and 0 is set for the initial output value and 1 for the
output value of the other TGR registers (TGRA_0 to TGRD_0, TGRA_1), to output a 5-phase
PWM waveform.
In this case, the value set in TGRB_1 is used as the cycle, and the values set in the other TGRs as
the duty cycle.
TCNT value
TGRB_1
H'0000
TIOCA0
Counter cleared by
TGRB_1 compare match
Time
TGRA_1
TGRD_0
TGRC_0
TGRB_0
TGRA_0
TIOCB0
TIOCC0
TIOCD0
TIOCA1
Figure 11.23 Example of PWM Mode Operation (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More