| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 691 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 691 Page - Renesas Technology Corp |
|
691 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 663 of 1270 REJ09B0466-0100 10.17.5 Pin Functions Port J pins function only as I/O ports. The correspondence between the register specification and the pin functions is shown below. • PJ2* The PJ2 pin is an input-only pin. Pin function PJ2 input Note: * Not supported in the 145-pin package. • PJ1, PJ0 The pin function is switched as shown below according to bit PJnDDR. PJnDDR 0 1 Pin function PJn input PJn output Legend: n = 1 or 0 |