| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 615 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 615 Page - Renesas Technology Corp |
|
615 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 587 of 1270 REJ09B0466-0100 10.9 Port A Port A is an 8-bit I/O port that also has other functions. Port A has the following registers. For the port function control registers, refer to section 10.18, Port Function Control Registers. • Port A data direction register (PADDR) • Port A data register (PADR) • Port A register (PORTA) • Port A pull-up MOS control register (PAPCR) • Port A open-drain control register (PAODR) • Port function control register 0 (PFCR0)(the H8S/2424 Group) • Port function control register 1 (PFCR1) • Port function control register 4 (PFCR4) • Port function control register 5 (PFCR5) |