| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 608 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 608 Page - Renesas Technology Corp |
|
608 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 580 of 1270 REJ09B0466-0100 TPU channel 3 settings (2) (1) (2) (2) (1) (2) MD3 to MD0 B'0000 B'0010 B'0011 IOB3 to IOB0 B'0000, B'0100, B'1 ××× B'0001 to B'0011, B'0101 to B'0111 B' ××00 Other than B' ××00 CCLR2 to CCLR0 Other than B'010 B'010 Output function Output compare output PWM mode 2 output Legend: ×: Don’t care • P80/IRQ0-B/EDREQ2 The pin function is switched as shown below according to the combination of bit P80DDR and bit ITS0 in ITSR of the interrupt controller. P80DDR 0 1 P80 input P80 output EDREQ2 input Pin function IRQ0-B interrupt input* Note: * IRQ0-B input when the ITS0 bit in ITSR is 1. |