| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 603 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 603 Page - Renesas Technology Corp |
|
603 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 575 of 1270 REJ09B0466-0100 • Modes 1, 2, 4, and 7 (EXPE = 1) TPU channel 4 settings (1) in table below (2) in table below OS3 to OS0 All 0 Not all 0 AMS 0 1 CKE1 0 1 C/ A 0 1 CKE0 0 1 P85DDR 0 1 1 NDER5 0 1 P85 input P85 output PO5-B output* 2 SCK3 output SCK3 output SCK3 input EDACK3 output TMO1-B output* 4 TIOCB4-B output* 3 TIOCB4-B input* 3 Pin function IRQ5-B interrupt input*1 • Mode 7 (EXPE = 0) TPU channel 4 settings (1) in table below (2) in table below OS3 to OS0 All 0 Not all 0 AMS CKE1 0 1 C/ A 0 1 CKE0 0 1 P85DDR 0 1 1 NDER5 0 1 P85 input P85 output PO5-B output* 2 SCK3 output SCK3 output SCK3 input TMO1-B output* 4 TIOCB4-B output* 3 TIOCB4-B input* 3 Pin function IRQ5-B interrupt input*1 Notes: 1. IRQ5-B input when the ITS5 bit in ITSR is 1. 2. PO5-B output when the PPGS bit in PFCR3 is 1. 3. TIOCB4-B input/output when the TPUS bit in PFCR3 is 1. 4. TMO1-B output when the TMRS bit in PFCR3 is 1. |