| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp |
|
580 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 552 of 1270 REJ09B0466-0100 • Modes 1, 2, 4, and 7 (EXPE = 1) OEE 0 1 OES 1 0 RMTS2 to RMTS0 Areas 2 to 5 are DRAM space Areas 2 to 5 are continu- ous SDRAM space ICE 0 1 0 1 CKE1 0 1 0 1 C/ A 0 1 0 1 CKE0 0 1 0 1 P35DDR 0 1 0 1 Pin function P35 input P35 output* 1 SCK1 output* 1 SCK1 output* 1 SCK1 input SCL0 I/O* 2 P35 input P35 output* 1 SCK1 output* 1 SCK1 output* 1 SCK1 input SCL0 I/O* 2 OE-B output* 3 CKE-B output* 3*4 • Mode 7 (EXPE = 0) OEE 0 OES RMTS2 to RMTS0 ICE 0 1 CKE1 0 1 C/ A 0 1 CKE0 0 1 P35DDR 0 1 Pin function P35 input P35 output* 1 SCK1 output* 1 SCK1 output* 1 SCK1 input SCL0 I/O* 2 Notes: 1. NMOS open-drain output when P35ODR = 1. 2. NMOS open-drain output regardless of P35ODR. 3. OE-B/CKE-B output when the OES bit in PFCR2 is 0. 4. Not supported in the H8S/2426 Group and H8S/2424 Group. |