| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 572 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 572 Page - Renesas Technology Corp |
|
572 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 544 of 1270 REJ09B0466-0100 TPU channel 4 settings (2) (1) (2) (1) (1) (2) MD3 to MD0 B'0000, B'01 ×× B'001 × B'0010 B'0011 IOA3 to IOA0 B'0000, B'0100, B'1 ××× B'0001 to B'0011, B'0101 to B'0111 B' ××00 Other than B' ××00 Other than B' ××00 CCLR1, CCLR0 Other than B'01 B'01 Output function Output compare output PWM* 2 mode 1 output PWM mode 2 output Legend: ×: Don’t care Notes: 1. TIOCA4-A input when MD3 to MD0 = B'0000 or B'01 ×× and IOA3 to IOA0 = B'10××. 2. TIOCB4 output disabled. 3. PO4-A output when the PPGS bit in PFCR3 is 0. 4. TIOCA4-A input/output when the TPUS bit in PFCR3 is 0. 5. TMO0-A output when the TMRS bit in PFCR3 is 0. 6. RxD4-A input when the RXD4S bit in PFCR4 is 0. |