| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 490 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 490 Page - Renesas Technology Corp |
|
490 / 1302 page ![]() Section 9 Data Transfer Controller (DTC) Rev. 1.00 Sep. 19, 2008 Page 462 of 1270 REJ09B0466-0100 The DTC's register information is stored in the on-chip RAM. When the DTC is used, the RAME bit in SYSCR must be set to 1. A 32-bit bus connects the DTC to the on-chip RAM (1 Kbyte), enabling 32-bit/1-state reading and writing of the DTC register information. DTC On-chip RAM Interrupt request Interrupt controller Internal address bus CPU interrupt request Internal data bus Legend: MRA, MRB CRA, CRB SAR DAR DTCERA to DTCERI DTVECR DTCCR : DTC mode registers A and B : DTC transfer count registers A and B : DTC source address register : DTC destination address register : DTC enable registers A to I : DTC vector register : DTC control register Figure 9.1 Block Diagram of DTC |