| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 403 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 403 Page - Renesas Technology Corp |
|
403 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 375 of 1270 REJ09B0466-0100 DMA read Address bus φ DMA read DMA read DMA dead RD TEND DACK Bus release Bus release Bus release Bus release Last transfer cycle Figure 7.27 Example of Single Address Mode (Word Read) Transfer A byte or word transfer is performed for a single transfer request, and after the transfer, the bus is released. While the bus is released, one or more bus cycles are executed by the CPU or DTC. In the transfer end cycle (the cycle in which the transfer counter reaches 0), a one-state DMA dead cycle is inserted after the DMA write cycle. |