công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 732 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 732 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 728Page - Renesas Technology Corp H8S/2472 Datasheet HTML 729Page - Renesas Technology Corp H8S/2472 Datasheet HTML 730Page - Renesas Technology Corp H8S/2472 Datasheet HTML 731Page - Renesas Technology Corp H8S/2472 Datasheet HTML 732Page - Renesas Technology Corp H8S/2472 Datasheet HTML 733Page - Renesas Technology Corp H8S/2472 Datasheet HTML 734Page - Renesas Technology Corp H8S/2472 Datasheet HTML 735Page - Renesas Technology Corp H8S/2472 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 684 of 1198
REJ09B0403-0200
19.3.5
Pin Function Control Register (PINFNCR)
PINFNCR selects whether the pins of the associated port are used for the LPC function or general
I/O.
R/W
Bit
Bit Name
Initial
Value
Slave Host Description
7 to 3
All 0
R/W
Reserved
The initial value bit should not be changed.
2
SERIRQOFF
0
R/W
0: SERIRQ pin
1: General I/O port
1
LPCPDOFF
0
R/W
0: LPCPD pin
1: General I/O port
0
CLKRUNOFF
0
R/W
0: CLKRUN pin
1: General I/O port
19.3.6
LPC Channel 1, 2 Address Register H, L (LADR12H, LADR12L)
LADR12H and LADR12L are temporary registers for accessing internal registers LADR1H,
LADR1L, LADR2H, and LADR2L.
When the LADR12SEL bit in HICR4 is 0, LPC channel 1 host addresses (LADR1H, LADR1L)
are set through LADR12. The contents of the address field in LADR1 must not be changed while
channel 1 is operating (while LPC1E is set to 1).
When the LADR12SEL bit is 1, LPC channel 2 host addresses (LADR2H, LADR2L) are set
through LADR12. The contents of the address field in LADR2 must not be changed while channel
2 is operating (while LPC2E is set to 1).
Table 19.2 shows the initial value of each register. Table 19.3 shows the host register selection in
address match determination. Table 19.4 shows the slave selection internal registers in slave (this
LSI) access.
Table 19.2
LADR1, LADR2 Initial Values
Register Name
Initial Value
Description
LADR1
H'0060
I/O address of channel 1
LADR2
H'0062
I/O address of channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com