công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 730 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 730 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 726Page - Renesas Technology Corp H8S/2472 Datasheet HTML 727Page - Renesas Technology Corp H8S/2472 Datasheet HTML 728Page - Renesas Technology Corp H8S/2472 Datasheet HTML 729Page - Renesas Technology Corp H8S/2472 Datasheet HTML 730Page - Renesas Technology Corp H8S/2472 Datasheet HTML 731Page - Renesas Technology Corp H8S/2472 Datasheet HTML 732Page - Renesas Technology Corp H8S/2472 Datasheet HTML 733Page - Renesas Technology Corp H8S/2472 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 682 of 1198
REJ09B0403-0200
19.3.3
Host Interface Control Register 4 (HICR4)
HICR4 controls the operation of the KCS, SMIC, and BT interface functions on channel 3.
R/W
Bit
Bit Name
Initial
Value
Slave Host Description
7
LADR12SEL 0
R/W
Switches the channel accessed via LADR12H and
LADR12L.
0: LADR1 is selected
1: LADR2 is selected
6 to 4
All 0
R/W
Reserved
The initial value should not be changed.
3
SWENBL
0
R/W
In BT mode, H'5 (short wait) or H'6 (long wait) is
returned to the host in the synchronized return
cycle from slave, thus can make the host wait.
0: Short wait is issued
1: Long wait is issued
2
KCSENBL
0
R/W
Enables or disables the use of the KCS interface
included in channel 3. When the LPC3E bit in
HICR0 is 0, this bit is valid.
0: KCS interface operation is disabled
No address (LADR3) matches for IDR3, ODR3,
or STR3 in KCS mode
1: KCS interface operation is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com