công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 542 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 542 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 538Page - Renesas Technology Corp H8S/2472 Datasheet HTML 539Page - Renesas Technology Corp H8S/2472 Datasheet HTML 540Page - Renesas Technology Corp H8S/2472 Datasheet HTML 541Page - Renesas Technology Corp H8S/2472 Datasheet HTML 542Page - Renesas Technology Corp H8S/2472 Datasheet HTML 543Page - Renesas Technology Corp H8S/2472 Datasheet HTML 544Page - Renesas Technology Corp H8S/2472 Datasheet HTML 545Page - Renesas Technology Corp H8S/2472 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 494 of 1198
REJ09B0403-0200
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to software standby mode etc.
Cancel software standby mode etc.
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting TE to 1, reading SSR,
writing to TDR, and clearing
TDRE to 0 after mode
cancellation; however, if the DTC
has been initiated, the data
remaining in DTC RAM will be
transmitted when TE and TIE are
set to 1.
[2] Also clear TIE and TEIE to 0
when they are 1.
[3] Module stop mode is included.
Figure 13.34 Sample Flowchart for Mode Transition during Transmission
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 13.35 Pin States during Transmission in Asynchronous Mode
(Internal Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com