công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 707 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 707 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 703Page - Renesas Technology Corp H8S/2117R Datasheet HTML 704Page - Renesas Technology Corp H8S/2117R Datasheet HTML 705Page - Renesas Technology Corp H8S/2117R Datasheet HTML 706Page - Renesas Technology Corp H8S/2117R Datasheet HTML 707Page - Renesas Technology Corp H8S/2117R Datasheet HTML 708Page - Renesas Technology Corp H8S/2117R Datasheet HTML 709Page - Renesas Technology Corp H8S/2117R Datasheet HTML 710Page - Renesas Technology Corp H8S/2117R Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 681 of 994
REJ09B0452-0100
Section 21 FSI Interface
This LSI incorporates the SPI flash memory serial interface (FSI) that supports the communication
between this LSI and SPI flash memory. The FSI performs communications using the LPC or
CPU of this LSI as a master.
21.1
Features
Figure 21.1 shows a block diagram of the FSI.
• Supports communications between this LSI and SPI flash memory.
• Can operate as a master.
• Transfer clock selectable from system clock φ or LCLK.
• Four interrupt sources: Transmit end, receive data full, and command and write receive
interrupts
• Direct transfer between LPC and SPI: Supports Read instruction, and Byte/Page-Program, and
AAI-Program instructions.
• LPC-SPI command transfer: Supports instructions other than above.
• Supports LPC/FW memory cycles of the LPC interface.
• Supports byte, word, and longword transfers of FW memory cycles.
• Provides independent LPC communication enable bits
• Supports LPC reset and LPC shut-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com