công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 663 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 663 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 659Page - Renesas Technology Corp H8S/2117R Datasheet HTML 660Page - Renesas Technology Corp H8S/2117R Datasheet HTML 661Page - Renesas Technology Corp H8S/2117R Datasheet HTML 662Page - Renesas Technology Corp H8S/2117R Datasheet HTML 663Page - Renesas Technology Corp H8S/2117R Datasheet HTML 664Page - Renesas Technology Corp H8S/2117R Datasheet HTML 665Page - Renesas Technology Corp H8S/2117R Datasheet HTML 666Page - Renesas Technology Corp H8S/2117R Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 637 of 994
REJ09B0452-0100
• Host select register
I/O Address
Bits 5 to 3
Bit 2
Bits 1 and 0
Transfer
Cycle
Host Select Register
Bits 15 to 3 in LADR4
0
Bits 1 and 0 in LADR4
I/O write
IDR4 write (data)
Bits 15 to 3 in LADR4
1
Bits 1 and 0 in LADR4
I/O write
IDR4 write (command)
Bits 15 to 3 in LADR4
0
Bits 1 and 0 in LADR4
I/O read
ODR4 read
Bits 15 to 3 in LADR4
1
Bits 1 and 0 in LADR4
I/O read
STR4 read
Note:
*
When channel 4 is used, the content of LADR4 must be set so that the addresses for
channels 1, 2, 3 and SCIF are different.
20.3.9
Input Data Registers 1 to 4 (IDR1 to IDR4)
IDR1 to IDR4 are 8-bit read-only registers for the slave (this LSI), and 8-bit write-only registers
for the host. The registers selected from the host according to the I/O address are shown in the
following table. Data transferred in an LPC I/O write cycle is written to the selected register. The
value of bit 2 of the I/O address is latched into the C/
D bit in STR, to indicate whether the written
information is a command or data. The initial values of IDR1 to IDR4 are H'00.
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
Bits 15 to 4
Bit 3
0
Bit 1
Bit 0
I/O write
IDRn write, C/
Dn ← 0
Bits 15 to 4
Bit 3
1
Bit 1
Bit 0
I/O write
IDRn write, C/
Dn ← 1
n = 1 to 4
20.3.10
Output Data Registers 1 to 4 (ODR1 to ODR4)
ODR1 to ODR4 are 8-bit readable/writable registers for the slave (this LSI), and 8-bit read-only
registers for the host. The registers selected from the host according to the I/O address are shown
in the following table. In an LPC I/O read cycle, the data in the selected register is transferred to
the host. The initial values of ODR1 to ODR4 are H'00.
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
Bits 15 to 4
Bit 3
0
Bit1
Bit 0
I/O read
ODRn read
n = 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com