công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 661Page - Renesas Technology Corp H8S/2117R Datasheet HTML 662Page - Renesas Technology Corp H8S/2117R Datasheet HTML 663Page - Renesas Technology Corp H8S/2117R Datasheet HTML 664Page - Renesas Technology Corp H8S/2117R Datasheet HTML 665Page - Renesas Technology Corp H8S/2117R Datasheet HTML 666Page - Renesas Technology Corp H8S/2117R Datasheet HTML 667Page - Renesas Technology Corp H8S/2117R Datasheet HTML 668Page - Renesas Technology Corp H8S/2117R Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 639 of 994
REJ09B0452-0100
• STR1
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
DBU17
DBU16
DBU15
DBU14
0
0
0
0
R/W
R/W
R/W
R/W
R
R
R
R
Defined by User
The user can use these bits as necessary.
3
C/
D1
0
R
R
Command/Data
When the host writes to IDR1, bit 2 of the I/O
address is written into this bit to indicate whether
IDR1 contains data or a command.
0: Content of input data register (IDR1) is a data
1: Content of input data register (IDR1) is a
command
2
DBU12
0
R/W
R
Defined by User
The user can use this bit as necessary.
1
IBF1
0
R
R
Input Buffer Full
This bit is an internal interrupt source to the slave
(this LSI). The IBF1 flag setting and clearing
conditions are different when the fast Gate A20 is
used. For details, see table 20.5.
0: [Clearing condition]
When the slave reads IDR1
1: [Setting condition]
When the host writes to IDR1 in I/O write cycle
0
OBF1
0
R/(W)* R
Output Buffer Full
0: [Clearing conditions]
• When the host reads ODR1 in I/O read cycle
• When the slave writes 0 to the OBF1 bit
1: [Setting condition]
When the slave writes to ODR1
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com