công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 659 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 659 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 655Page - Renesas Technology Corp H8S/2117R Datasheet HTML 656Page - Renesas Technology Corp H8S/2117R Datasheet HTML 657Page - Renesas Technology Corp H8S/2117R Datasheet HTML 658Page - Renesas Technology Corp H8S/2117R Datasheet HTML 659Page - Renesas Technology Corp H8S/2117R Datasheet HTML 660Page - Renesas Technology Corp H8S/2117R Datasheet HTML 661Page - Renesas Technology Corp H8S/2117R Datasheet HTML 662Page - Renesas Technology Corp H8S/2117R Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 633 of 994
REJ09B0452-0100
• LADR2L
R/W
Bit
Bit Name
Initial
Value
Slave Host Description
7
6
5
4
3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
0
1
1
0
0
R/W
R/W
R/W
R/W
R/W
Channel 2 Address Bits 7 to 3
Set the LPC channel 2 host address.
2
Bit 2
0
R/W
Reserved
This bit is ignored when an address match is decided.
1
0
Bit 1
Bit 0
1
0
R/W
R/W
Channel 2 Address Bits 1 and 0
Set the LPC channel 2 host address.
• Host select register
I/O Address
Bits 5 to 3
Bit 2
Bits 1 and 0
Transfer
Cycle
Host Select Register
Bits 15 to 3 in LADR2
0
Bits 1 and 0 in LADR2
I/O write
IDR2 write (data)
Bits 15 to 3 in LADR2
1
Bits 1 and 0 in LADR2
I/O write
IDR2 write (command)
Bits 15 to 3 in LADR2
0
Bits 1 and 0 in LADR2
I/O read
ODR2 read
Bits 15 to 3 in LADR2
1
Bits 1 and 0 in LADR2
I/O read
STR2 read
Note:
*
When channel 2 is used, the content of LADR2 must be set so that the addresses for
channels 1, 3, 4, and SCIF are different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com