công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 652 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 652 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 648Page - Renesas Technology Corp H8S/2117R Datasheet HTML 649Page - Renesas Technology Corp H8S/2117R Datasheet HTML 650Page - Renesas Technology Corp H8S/2117R Datasheet HTML 651Page - Renesas Technology Corp H8S/2117R Datasheet HTML 652Page - Renesas Technology Corp H8S/2117R Datasheet HTML 653Page - Renesas Technology Corp H8S/2117R Datasheet HTML 654Page - Renesas Technology Corp H8S/2117R Datasheet HTML 655Page - Renesas Technology Corp H8S/2117R Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 626 of 994
REJ09B0452-0100
20.3.2
Host Interface Control Registers 2 and 3 (HICR2 and HICR3)
HICR2 controls interrupts to an LPC interface slave (this LSI). HICR3 and the bit 7 in HICR2
monitor the states of the LPC interface pins. Bits 6 to 0 in HICR2 are initialized to H'00 by a reset.
The states of other bits are decided by the pin states. The pin states can be monitored by the pin
monitoring bits regardless of the LPC interface operating state or the operating state of the
functions that use pin multiplexing.
• HICR2
R/W
Bit
Bit Name
Initial
Value
Slave
Host Description
7
GA20
Undefined R
GA20 Pin Monitor
6
LRST
0
R/(W)*
LPC Reset Interrupt Flag
This bit is a flag that generates an ERRI interrupt
when an LPC hardware reset occurs.
0: [Clearing condition]
Writing 0 after reading LRST = 1
1: [Setting condition]
LRESET pin falling edge detection
5
SDWN
0
R/(W)*
LPC Shutdown Interrupt Flag
This bit is a flag that generates an ERRI interrupt
when an LPC hardware shutdown request is
generated.
0: [Clearing conditions]
• Writing 0 after reading SDWN = 1
• LPC hardware reset
(
LRESET pin falling edge detection)
• LPC software reset (LRSTB = 1)
1: [Setting condition]
LPCPD pin falling edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com