công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 649 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 649 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 645Page - Renesas Technology Corp H8S/2117R Datasheet HTML 646Page - Renesas Technology Corp H8S/2117R Datasheet HTML 647Page - Renesas Technology Corp H8S/2117R Datasheet HTML 648Page - Renesas Technology Corp H8S/2117R Datasheet HTML 649Page - Renesas Technology Corp H8S/2117R Datasheet HTML 650Page - Renesas Technology Corp H8S/2117R Datasheet HTML 651Page - Renesas Technology Corp H8S/2117R Datasheet HTML 652Page - Renesas Technology Corp H8S/2117R Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 623 of 994
REJ09B0452-0100
• HICR1
R/W
Bit
Bit Name
Initial
Value Slave Host Description
7
LPCBSY
0
R
LPC Busy
Indicates that the LPC interface is processing a transfer
cycle.
0: LPC interface is in transfer cycle wait state
• Bus idle, or transfer cycle not subject to processing is
in progress
• Cycle type or address indeterminate during transfer
cycle
[Clearing conditions]
• LPC hardware reset or LPC software reset
• LPC hardware shutdown or LPC software shutdown
• Forced termination (abort) of transfer cycle subject to
processing
• Normal termination of transfer cycle subject to
processing
1: LPC interface is performing transfer cycle processing
[Setting condition]
Match of cycle type and address
6
CLKREQ
0
R
LCLK Request
Indicates that the LPC interface's SERIRQ output is
requesting a restart of LCLK.
0: No LCLK restart request
[Clearing conditions]
• LPC hardware reset or LPC software reset
• LPC hardware shutdown or LPC software shutdown
• There are no further interrupts for transfer to the host
in quiet mode in which SERIRQ is set to continuous
mode
1: LCLK restart request issued
[Setting condition]
In quiet mode, SERIRQ interrupt output becomes
necessary while LCLK is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com