công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 609 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 609 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 605Page - Renesas Technology Corp H8S/2117R Datasheet HTML 606Page - Renesas Technology Corp H8S/2117R Datasheet HTML 607Page - Renesas Technology Corp H8S/2117R Datasheet HTML 608Page - Renesas Technology Corp H8S/2117R Datasheet HTML 609Page - Renesas Technology Corp H8S/2117R Datasheet HTML 610Page - Renesas Technology Corp H8S/2117R Datasheet HTML 611Page - Renesas Technology Corp H8S/2117R Datasheet HTML 612Page - Renesas Technology Corp H8S/2117R Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 583 of 994
REJ09B0452-0100
4. The I
2C bus interface specification for the SCL rise time t
sr is 1000 ns or less (300 ns for high-
speed mode). In master mode, the I
2C bus interface monitors the SCL line and synchronizes
one bit at a time during communication. If t
sr (the time for SCL to go from low to VIH) exceeds
the time determined by the input clock of the I
2C bus interface, the high period of SCL is
extended. The SCL rise time is determined by the pull-up resistance and load capacitance of
the SCL line. To insure proper operation at the set transfer rate, adjust the pull-up resistance
and load capacitance so that the SCL rise time does not exceed the values given in table 18.10.
Table 18.10 Permissible SCL Rise Time (t
sr) Values
Time Indication [ns]
IICX t
cyc Indication
I
2C Bus
Specification
(Max.)
φ =
8 MHz
φ =
10 MHz
φ =
16 MHz
φ =
20 MHz
Standard mode
1000
937
750
468
375
0
7.5 t
cyc
High-speed mode
300
300
300
300
300
Standard mode
1000
1000
1000
1000
875
1
17.5 t
cyc
High-speed mode
300
300
300
300
300
5. The I
2C bus interface specifications for the SCL and SDA rise and fall times are under 1000 ns
and 300 ns. The I
2C bus interface SCL and SDA output timing is prescribed by t
cyc, as shown in
table 18.11. However, because of the rise and fall times, the I
2C bus interface specifications
may not be satisfied at the maximum transfer rate. Table 18.11 shows output timing
calculations for different operating frequencies, including the worst-case influence of rise and
fall times.
t
BUFO fails to meet the I
2C bus interface specifications at any frequency. The solution is either (a)
to provide coding to secure the necessary interval (approximately 1 µs) between issuance of a
stop condition and issuance of a start condition, or (b) to select devices whose input timing
permits this output timing for use as slave devices connected to the I
2C bus.
t
SCLLO in high-speed mode and tSTASO in standard mode fail to satisfy the I
2C bus interface
specifications for worst-case calculations of t
Sr/tSf. Possible solutions that should be
investigated include (a) adjusting the rise and fall times by means of a pull-up resistor and
capacitive load, (b) reducing the transfer rate to meet the specifications, or (c) selecting devices
whose input timing permits this output timing for use as slave devices connected to the I
2C
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com