công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 605 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 605 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 601Page - Renesas Technology Corp H8S/2117R Datasheet HTML 602Page - Renesas Technology Corp H8S/2117R Datasheet HTML 603Page - Renesas Technology Corp H8S/2117R Datasheet HTML 604Page - Renesas Technology Corp H8S/2117R Datasheet HTML 605Page - Renesas Technology Corp H8S/2117R Datasheet HTML 606Page - Renesas Technology Corp H8S/2117R Datasheet HTML 607Page - Renesas Technology Corp H8S/2117R Datasheet HTML 608Page - Renesas Technology Corp H8S/2117R Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 579 of 994
REJ09B0452-0100
18.4.8
Noise Canceler
The logic levels at the SCL and SDA pins are routed through noise cancelers before being latched
internally. Figure 18.21 shows a block diagram of the noise canceler.
The noise canceler consists of two cascaded latches and a match detector. The SCL (or SDA) pin
input signal is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches agree. If they do not agree, the previous value is held.
System clock
cycle
Sampling clock
C
DQ
Latch
C
DQ
Latch
SCL or
SDA input
signal
Match
detector
Internal
SCL or
SDA
signal
Sampling
clock
Figure 18.21 Block Diagram of Noise Canceler
18.4.9
Initialization of Internal State
The IIC has a function for forcible initialization of its internal state if a deadlock occurs during
communication.
Initialization is executed in accordance with the setting of bits CLR3 to CLR0 in ICRES or
clearing ICE bit. For details on the setting of bits CLR3 to CLR0, see section 18.3.7, I
2C Bus
Control Initialization Register (ICRES).
(1)
Scope of Initialization
The initialization executed by this function covers the following items:
• ICDRE and ICDRF internal flags
• Transmit/receive sequencer and internal operating clock counter
• Internal latches for retaining the output state of the SCL and SDA pins (wait, clock, data
output, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com