công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 593 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 593 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 589Page - Renesas Technology Corp H8S/2117R Datasheet HTML 590Page - Renesas Technology Corp H8S/2117R Datasheet HTML 591Page - Renesas Technology Corp H8S/2117R Datasheet HTML 592Page - Renesas Technology Corp H8S/2117R Datasheet HTML 593Page - Renesas Technology Corp H8S/2117R Datasheet HTML 594Page - Renesas Technology Corp H8S/2117R Datasheet HTML 595Page - Renesas Technology Corp H8S/2117R Datasheet HTML 596Page - Renesas Technology Corp H8S/2117R Datasheet HTML 597Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 567 of 994
REJ09B0452-0100
18.4.4
Master Receive Operation
In I
2C bus format master receive mode, the master device outputs the receive clock, receives data,
and returns an acknowledge signal. The slave device transmits data.
The master device transmits data containing the slave address and R/
W (1: read) in the first frame
following the start condition issuance in master transmit mode, selects the slave device, and then
switches the mode for receive operation.
Figure 18.10 shows the sample flowchart for the operations in master receive mode.
End
Set TRS = 0 in ICCR
Set ACKB = 1 in ICSR
Read IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Set BBSY = 0 and
SCP = 0 in ICCR
IRIC = 1?
No
Yes
Yes
Read ICDR
No
[4] Clear IRIC flag.
[1] Select receive mode.
[2] Start receiving. The first read is a dummy read.
[5] Read the receive data (for the second and subsequent read)
[3] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock for the receive frame)
[6] Set acknowledge data for the last reception.
[10] Read the receive data.
[9] Clear IRIC flag.
[7] Read the receive data.
Dummy read to start receiving if the first frame is
the last receive data.
[11] Set stop condition issuance.
Generate stop condition.
Master receive mode
Read IRIC flag in ICCR
IRIC = 1?
No
Yes
[8] Wait for 1 byte to be received.
Set ACKB = 0 in ICSR
Last receive?
Read ICDR
Read ICDR
Set TRS = 1 in ICCR
Figure 18.10 Sample Flowchart for Operations in Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com