công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 595 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 595 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 591Page - Renesas Technology Corp H8S/2117R Datasheet HTML 592Page - Renesas Technology Corp H8S/2117R Datasheet HTML 593Page - Renesas Technology Corp H8S/2117R Datasheet HTML 594Page - Renesas Technology Corp H8S/2117R Datasheet HTML 595Page - Renesas Technology Corp H8S/2117R Datasheet HTML 596Page - Renesas Technology Corp H8S/2117R Datasheet HTML 597Page - Renesas Technology Corp H8S/2117R Datasheet HTML 598Page - Renesas Technology Corp H8S/2117R Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 569 of 994
REJ09B0452-0100
SDA
(master output)
SDA
(slave output)
2
1
4
3
6
5
8
7
1
2
9
9
A
A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
IRTR
ICDRF
ICDRR
SCL
(master output)
Master transmit mode
Master receive mode
Data 1
Data 1
Data 2
[1] TRS=0 clear
[2] ICDR read
(Dummy read)
[1] IRIC clear
SCL is fixed low until ICDR is read
SCL is fixed low until ICDR is read
[4] IRIC clear
User processing
IRIC
[3]
[5] ICDR read
(Data 1)
Undefined value
Figure 18.11 Example of Operation Timing in Master Receive Mode
(MLS = WAIT = 0)
SDA
(master output)
SDA
(slave output)
2
1
4
3
6
5
8
7
9
9
78
A
A
Bit 7
Bit 1
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
IRIC
ICDRF
ICDRR
SCL
(master output)
Data 3
Data 2
Data 1
Data 2
Data 3
[9] IRIC clear
User processing
IRTR
[8]
[3]
Bit 0
[11] Set BBSY=0 and
SCP=0
(Stop condition instruction issuance)
[4] IRIC clear
[7] ICDR read
(Data 2)
[10] ICDR read
(Data 3)
[6] Set ACKB = 1
Bit 0
Stop condition generation
SCL is fixed low until ICDR is read
SCL is fixed low until
stop condition is issued
Figure 18.12 Example of Stop Condition Issuance Operation Timing
in Master Receive Mode (MLS = WAIT = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com