công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 590 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 590 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 586Page - Renesas Technology Corp H8S/2117R Datasheet HTML 587Page - Renesas Technology Corp H8S/2117R Datasheet HTML 588Page - Renesas Technology Corp H8S/2117R Datasheet HTML 589Page - Renesas Technology Corp H8S/2117R Datasheet HTML 590Page - Renesas Technology Corp H8S/2117R Datasheet HTML 591Page - Renesas Technology Corp H8S/2117R Datasheet HTML 592Page - Renesas Technology Corp H8S/2117R Datasheet HTML 593Page - Renesas Technology Corp H8S/2117R Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 564 of 994
REJ09B0452-0100
The master mode transmission procedure and operations are described below.
1. Initialize the IIC as described in section 18.4.2, Initialization.
2. Read the BBSY flag in ICCR to confirm that the bus is free.
3. Set bits MST and TRS to 1 in ICCR to select master transmit mode.
4. Write 1 to BBSY and 0 to SCP in ICCR. This changes SDA from high to low when SCL is
high, and generates the start condition.
5. Then the IRIC and IRTR flags are set to 1. If the IEIC bit in ICCR has been set to 1, an
interrupt request is sent to the CPU.
6. Write the data (slave address + R/
W) to ICDR.
With the I
2C bus format (when the FS bit in SAR or the FSX bit in SARX is 0), the first frame
data following the start condition indicates the 7-bit slave address and transmit/receive
direction (R/
W).
To determine the end of the transfer, the IRIC flag is cleared to 0. After writing to ICDR, clear
IRIC continuously so no other interrupt handling routine is executed. If the time for
transmission of one frame of data has passed before the IRIC clearing, the end of transmission
cannot be determined. The master device sequentially sends the transmission clock and the
data written to ICDR. The selected slave device (i.e. the slave device with the matching slave
address) drives SDA low at the 9th transmit clock pulse and returns an acknowledge signal.
7. When one frame of data has been transmitted, the IRIC flag is set to 1 at the rise of the 9th
transmit clock pulse. After one frame has been transmitted, SCL is automatically fixed low in
synchronization with the internal clock until the next transmit data is written.
8. Read the ACKB bit in ICSR to confirm that ACKB is cleared to 0. When the slave device has
not acknowledged (ACKB bit is 1), operate step [12] to end transmission, and retry the
transmit operation.
9. Write the transmit data to ICDR.
As indicating the end of the transfer, the IRIC flag is cleared to 0. Perform the ICDR write and
the IRIC flag clearing sequentially, just as in step [6]. Transmission of the next frame is
performed in synchronization with the internal clock.
10. When one frame of data has been transmitted, the IRIC flag is set to 1 at the rise of the 9th
transmit clock pulse. After one frame has been transmitted, SCL is automatically fixed low in
synchronization with the internal clock until the next transmit data is written.
11. Read the ACKB bit in ICSR.
Confirm that the slave device has been acknowledged (ACKB bit is 0). When there is still data
to be transmitted, go to step [9] to continue the next transmission operation. When the slave
device has not acknowledged (ACKB bit is set to 1), operate step [12] to end transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com