công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 544 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 544 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 540Page - Renesas Technology Corp H8S/2117R Datasheet HTML 541Page - Renesas Technology Corp H8S/2117R Datasheet HTML 542Page - Renesas Technology Corp H8S/2117R Datasheet HTML 543Page - Renesas Technology Corp H8S/2117R Datasheet HTML 544Page - Renesas Technology Corp H8S/2117R Datasheet HTML 545Page - Renesas Technology Corp H8S/2117R Datasheet HTML 546Page - Renesas Technology Corp H8S/2117R Datasheet HTML 547Page - Renesas Technology Corp H8S/2117R Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 518 of 994
REJ09B0452-0100
(3)
Serial Data Reception
Figure 17.5 shows an example of the data reception flowchart.
Start reception
Read DR flag in FLSR
Read FLSR
Read FRBR
Error processing
Read FLSR
DR = 1
RXFIFOERR = 1,
BI = 1, FE = 1,
PE = 1, or OE = 1
Yes
No
No
No
No
Yes
Yes
All data read
(End of reception or reception standby)
Yes
Initialization
[1]
[2]
[3]
[4]
DR = 0
[1]
Confirm that the DR flag in FLSR is 1 to ensure that
receive data is in the buffer. When the OUT2 bit in
FMCR and the ERBFI bit in FIER are set to 1, a
receive data ready interrupt occurs.
[2]
Read the RXFIFOERR, BI, FE, PE, and OE flags in
FLSR to ensure that no error has occurred. If an
error has occurred, perform error processing. When
the OUT2 bit in FMCR and the ELSI bit in FIER are
set to 1, a receive line status interrupt occurs.
[3]
Read the receive data in FRBR.
[4]
Check the DR flag in FLSR. When the DR flag is
cleared to 0 and all data has been read, data reception
is complete.
Figure 17.5 Example of Data Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com