công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 543 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 543 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 539Page - Renesas Technology Corp H8S/2117R Datasheet HTML 540Page - Renesas Technology Corp H8S/2117R Datasheet HTML 541Page - Renesas Technology Corp H8S/2117R Datasheet HTML 542Page - Renesas Technology Corp H8S/2117R Datasheet HTML 543Page - Renesas Technology Corp H8S/2117R Datasheet HTML 544Page - Renesas Technology Corp H8S/2117R Datasheet HTML 545Page - Renesas Technology Corp H8S/2117R Datasheet HTML 546Page - Renesas Technology Corp H8S/2117R Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 517 of 994
REJ09B0452-0100
(2)
Serial Data Transmission
Figure 17.4 shows an example of the data transmission flowchart.
Start transmission
Read THRE flag in FLSR
Write transmit data to FTHR
Read TEMT flag in FLSR
THRE = 1?
All data written
Yes
No
No
No
Yes
Yes
TEMT = 1
No
Yes
Break output
(End of transmission or transmission standby)
Yes
Break time completed
Initialization
Set BREAK bit in FLCR to 1
Clear BREAK bit in FLCR to 0
[1]
[2]
[3]
[1] Confirm that the THRE flag in FLSR is 1, and write transmit
data to FTHR. When FIFOs are used, write 1-byte to 16-byte
transmit data. When the OUT2 bit in FMCR and the ETBEI bit
in FIER are set to 1, an FTHR empty interrupt occurs. When
data is written to FTHR, it is transferred automatically to FTSR.
The data is then transmitted from the FTxD pin in the order of
the start bit, transmit data, parity bit, and stop bit.
[2] Read the TEMT flag in FLSR, and confirm that TEMT is set to
1 to ensure that all transmit data has been transmitted.
[3] To output a break at the end of serial transmission, set the
BREAK bit in FLCR to 1. After completion of the break time,
clear the BREAK bit in FLCR to 0 to clear the break.
Figure 17.4 Example of Data Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com