công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 542 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 542 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 538Page - Renesas Technology Corp H8S/2117R Datasheet HTML 539Page - Renesas Technology Corp H8S/2117R Datasheet HTML 540Page - Renesas Technology Corp H8S/2117R Datasheet HTML 541Page - Renesas Technology Corp H8S/2117R Datasheet HTML 542Page - Renesas Technology Corp H8S/2117R Datasheet HTML 543Page - Renesas Technology Corp H8S/2117R Datasheet HTML 544Page - Renesas Technology Corp H8S/2117R Datasheet HTML 545Page - Renesas Technology Corp H8S/2117R Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 516 of 994
REJ09B0452-0100
17.4.3
Initialization of the SCIF
(1)
Initialization of the SCIF
Use an example of the flowchart in figure 17.3 to initialize the SCIF before transmitting or
receiving data.
End of Initialization
Start initialization
Clear module stop
Set SCIFCR
Set DLAB bit in FLCR to 1
Set FDLH and FDLL
Clear DLAB bit in FLCR to 0
Set data transfer format in FLCR
Set interrupt enable bits in FIER
Set FIFOE bit in FFCR to 1
Set receive FIFO trigger level in FFCR
Set XMITFRST and RCVRFRST bits
in FFCR to 1 to reset FIFOs
[1]
[2]
[3]
[4]
[5]
[1]
[2]
[3]
[4]
[5]
[9]
[9]
[6]
[7]
[8]
[6]
[7]
[8]
FIFOs used?
Yes
No
Select an input clock with the CKSEL1 and
CKSEL0 bits in SCIFCR. Set the SCIF input/
output pins with the SCIFOE1 and SCIFOE0
bits in SCIFCR.
Set the DLAB bit in FLCR to 1 to enable
access to FDLL and FDLH.
The initial value of FDLL and FDLH is 0.
Set a value within the range from 1 to 65535.
Clear the DLAB bit in FLCR to 0 to disable
access to FDLL and FDLH.
Select parity with the EPS and PEN bits in
FLCR, and set the stop bit with the STOP bit
in FLCR. Then, set the data length with the
CLS1 and CLS0 bits in FLCR.
When FIFOs are used, set the FIFOE bit in
FFCR to 1.
Set the receive FIFO trigger level with the
RCVRTRIG1 and RCVRTRIG0 bits in FFCR.
Set the XMITFRST and RCVRFRST bits in
FFCR to 1 to reset the FIFOs.
Enable or disable an interrupt with the
EDSSI, ELSI, ETBEI, and ERBFI bits in
FIER and the OUT2 bit in FMCR.
Figure 17.3 Example of Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com