| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 866 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 866 Page - Renesas Technology Corp |
|
866 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 832 of 988 REJ09B0330-0300 TMDR5—Timer Mode Register 5 H'FEA1 TPU5 0 1 Normal operation Reserved PWM mode 1 PWM mode 2 Phase counting mode 1 Phase counting mode 2 Phase counting mode 3 Phase counting mode 4 — Mode 0 1 * 0 1 0 1 * 0 1 0 1 0 1 0 1 * Note: MD3 is a reserved bit. In a write, it should always be written with 0. 7 — 1 — 6 — 1 — 5 — 0 — 4 — 0 — 3 MD3 0 R/W 0 MD0 0 R/W 2 MD2 0 R/W 1 MD1 0 R/W Bit Initial value Read/Write : : : Legend: *: Don’t care |