công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD6432351 bảng dữ liệu(PDF) 865 Page - Renesas Technology Corp

tên linh kiện HD6432351
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 bảng dữ liệu(HTML) 865 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 861Page - Renesas Technology Corp HD6432351 Datasheet HTML 862Page - Renesas Technology Corp HD6432351 Datasheet HTML 863Page - Renesas Technology Corp HD6432351 Datasheet HTML 864Page - Renesas Technology Corp HD6432351 Datasheet HTML 865Page - Renesas Technology Corp HD6432351 Datasheet HTML 866Page - Renesas Technology Corp HD6432351 Datasheet HTML 867Page - Renesas Technology Corp HD6432351 Datasheet HTML 868Page - Renesas Technology Corp HD6432351 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 831 of 988
REJ09B0330-0300
TCR5—Timer Control Register 5
H'FEA0
TPU5
TCNT clearing disabled
TCNT cleared by TGRA compare match/input capture
TCNT cleared by TGRB compare match/input capture
Counter Clear
0
1
0
1
0
1
Internal clock: counts on
φ/1
Internal clock: counts on
φ/4
Internal clock: counts on
φ/16
Internal clock: counts on
φ/64
External clock: counts on TCLKA pin input
External clock: counts on TCLKC pin input
Internal clock: counts on
φ/256
External clock: counts on TCLKD pin input
Time Prescaler
0
1
0
1
0
1
0
1
0
1
0
1
0
1
7
—
0
—
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Bit
Initial value
Read/Write
:
:
:
Note:
0
1
Clock Edge
0
1
—
Count at rising edge
Count at falling edge
Count at both edges
This setting is ignored when channel 5 is in phase
counting mode.
Note: * Synchronous operating setting is performed by setting
the SYNC bit TSYR to 1.
Note: This setting is ignored when channel
5 is in phase counting mode.
TCNT cleared by counter clearing for another channel
performing synchronous clearing/synchronous operation*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More