công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 856 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 856 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 852Page - Renesas Technology Corp H8S/2112 Datasheet HTML 853Page - Renesas Technology Corp H8S/2112 Datasheet HTML 854Page - Renesas Technology Corp H8S/2112 Datasheet HTML 855Page - Renesas Technology Corp H8S/2112 Datasheet HTML 856Page - Renesas Technology Corp H8S/2112 Datasheet HTML 857Page - Renesas Technology Corp H8S/2112 Datasheet HTML 858Page - Renesas Technology Corp H8S/2112 Datasheet HTML 859Page - Renesas Technology Corp H8S/2112 Datasheet HTML 860Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 856 / 894 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Mar. 18, 2008 Page 832 of 866
REJ09B0451-0100
Table 26.2
DC Characteristics (2)
Conditions: V
CC = 3.0 V to 3.6 V, AVCC*
1 = 3.0 V to 3.6 V, AVref*1 = 3.0 V to AV
CC,
V
SS = AVSS*
1 = 0 V
Item
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Input pull-up
MOS current
Ports 1 to 3, P95 to P90,
ports 6, B to D, F, and H
–I
p
20
150
µA
V
in = 0 V
All pins
C
in
10
pF
V
in = 0 V
Input
capacitance
f = 1 MHz
T
a = 25 °C
Supply current*
4
Normal operation
I
CC
25
40
mA
V
CC = 3.0 V to 3.6 V
f = 25 MHz, all modules
operating, high-speed
mode
Sleep mode
20
35
V
CC = 3.0 V to 3.6 V
f = 25 MHz
Standby mode
35
70
µA
Ta
≤ 50 °C
200
Ta
> 50 °C
During A/D conversion
AI
CC
1
2
mA
Analog power
supply current
A/D conversion standby
0.01
5
µA
AV
CC = 3.0 V to 3.6 V
During A/D conversion
AI
ref
1
2
mA
Reference power
supply current
A/D conversion standby
0.01
5
µA
AVref = 3.0 V to AV
CC
VCC start voltage
VCC
START
0
0.8
V
VCC rising edge
SVCC
20
ms/V
Notes: 1. Do not leave the AVCC, AVref, and AVSS pins open even if the A/D converter is not
used.
Even if the A/D converter is not used, apply a voltage in the range from 3.0 V to 3.6 V to
the AVCC and AVref pins by connecting to the power supply (V
CC). The relationship
between these two pins should be AVref
≤ AV
CC.
2. Ports A, G, P97, P52 and peripheral module output pins multiplexed with the pins of
those ports are NMOS push-pull outputs.
An external pull-up resistor is necessary to provide high-level output from these pins
when they are used as an output.
3. Indicates values when ICCS = 0, ICE = 0, and KBIOE = 0. Low level output when the
bus drive function is selected is indicated separately.
4. Current consumption values are for V
IH min = VCC – 0.2 V and VIL max = 0.2 V with all
output pins unloaded and the on-chip pull-up MOSs in the off state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com