công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 853 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 853 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 849Page - Renesas Technology Corp H8S/2112 Datasheet HTML 850Page - Renesas Technology Corp H8S/2112 Datasheet HTML 851Page - Renesas Technology Corp H8S/2112 Datasheet HTML 852Page - Renesas Technology Corp H8S/2112 Datasheet HTML 853Page - Renesas Technology Corp H8S/2112 Datasheet HTML 854Page - Renesas Technology Corp H8S/2112 Datasheet HTML 855Page - Renesas Technology Corp H8S/2112 Datasheet HTML 856Page - Renesas Technology Corp H8S/2112 Datasheet HTML 857Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 894 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Mar. 18, 2008 Page 829 of 866
REJ09B0451-0100
Section 26 Electrical Characteristics
26.1
Absolute Maximum Ratings
Table 26.1 lists the absolute maximum ratings.
Table 26.1
Absolute Maximum Ratings
Item
Symbol Value
Unit
Power supply voltage*
V
CC
–0.3 to +4.3
Input voltage (except ports 7, D, A, G, PE4,
PE2 to PE0, P97, and P52)
V
in
–0.3 to V
CC + 0.3
Input voltage (ports A, G, PE4, PE2 to PE0,
P97, and P52)
V
in
–0.3 to +7.0
Input voltage (AN input is not selected for port
D (PD3 to PD0))
V
in
–0.3 to V
CC + 0.3
Input voltage (AN input is selected for port D
(PD3 to PD0))
V
in
–0.3 to V
CC +0.3 or –0.3 to AVCC
+0.3 whichever is lower
Input voltage (port 7)
V
in
–0.3 to AV
CC + 0.3
Reference power supply voltage
AVref
–0.3 to AV
CC + 0.3
Analog power supply voltage
AV
CC
–0.3 to +4.3
Analog input voltage
V
AN
–0.3 to AV
CC + 0.3
V
Operating temperature
T
opr
–20 to +75
Operating temperature (when flash memory is
programmed or erased)
T
opr
0 to +75
Storage temperature
T
stg
–55 to +125
°C
Caution:
Permanent damage to this LSI may result if absolute maximum ratings are exceeded.
Make sure the applied power supply does not exceed 4.3 V.
Note:
*
Voltage applied to the VCC pin.
Make sure power is not applied to the VCL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com