công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 706 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 706 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 702Page - Renesas Technology Corp H8S/2112 Datasheet HTML 703Page - Renesas Technology Corp H8S/2112 Datasheet HTML 704Page - Renesas Technology Corp H8S/2112 Datasheet HTML 705Page - Renesas Technology Corp H8S/2112 Datasheet HTML 706Page - Renesas Technology Corp H8S/2112 Datasheet HTML 707Page - Renesas Technology Corp H8S/2112 Datasheet HTML 708Page - Renesas Technology Corp H8S/2112 Datasheet HTML 709Page - Renesas Technology Corp H8S/2112 Datasheet HTML 710Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 682 of 866
REJ09B0451-0100
(2)
User MAT Programming in User Boot Mode
For programming the user MAT in user boot mode, additional processing made by setting FMATS
is required. However, switching back from user-MAT selection state to user-boot-MAT selection
state after programming completes is impossible.
Figure 22.14 shows the procedure for programming the user MAT in user boot mode.
Yes
No
Start programming
procedure program
Set FKEY to H'A5
Yes
No
Download error processing
Set the FPEFEQ
parameter
End programming
procedure program
FPFR = 0?
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set parameters to
ER0 and ER1
(FMPAR and FMPDR)
Yes
No
Clear FKEY and programming
error processing
Yes
Required
data programming is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1
1
Set FMATS to value other
than H'AA to select user MAT
Set SCO to 1 and
execute download
MAT
switchover
DPFR
= 0?
Initialization
JSR FTDAR setting
+ 32
Programming
JSR FTDAR setting
+ 16
FPFR
= 0?
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Figure 22.14 Procedure for Programming User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com