công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 703 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 703 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 699Page - Renesas Technology Corp H8S/2112 Datasheet HTML 700Page - Renesas Technology Corp H8S/2112 Datasheet HTML 701Page - Renesas Technology Corp H8S/2112 Datasheet HTML 702Page - Renesas Technology Corp H8S/2112 Datasheet HTML 703Page - Renesas Technology Corp H8S/2112 Datasheet HTML 704Page - Renesas Technology Corp H8S/2112 Datasheet HTML 705Page - Renesas Technology Corp H8S/2112 Datasheet HTML 706Page - Renesas Technology Corp H8S/2112 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 679 of 866
REJ09B0451-0100
(3)
Erasing Procedure in User Program Mode
The procedures for download of the on-chip program, initialization, and erasing are shown in
figure 22.13.
Set FKEY to H'A5
Set SCO to 1 and execute
download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End erasing
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
FPFR
= 0 ?
No
Clear FKEY and erasing
error processing
Yes
Required block
erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
3.
4.
5.
6.
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start erasing procedure
program
1
1
Figure 22.13 Erasing Procedure in User Program Mode
The procedure program must be executed in an area other than the user MAT to be erased. Setting
the SCO bit in FCCS to 1 to request download must be executed in the on-chip RAM. The area
that can be executed in the steps of the procedure program (on-chip RAM and user MAT) is
shown in section 22.8.4, Storable Areas for On-Chip Program and Program Data. For the
downloaded on-chip program area, see figure 22.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com