công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 699 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 699 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 695Page - Renesas Technology Corp H8S/2112 Datasheet HTML 696Page - Renesas Technology Corp H8S/2112 Datasheet HTML 697Page - Renesas Technology Corp H8S/2112 Datasheet HTML 698Page - Renesas Technology Corp H8S/2112 Datasheet HTML 699Page - Renesas Technology Corp H8S/2112 Datasheet HTML 700Page - Renesas Technology Corp H8S/2112 Datasheet HTML 701Page - Renesas Technology Corp H8S/2112 Datasheet HTML 702Page - Renesas Technology Corp H8S/2112 Datasheet HTML 703Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 675 of 866
REJ09B0451-0100
The procedure program must be executed in an area other than the flash memory to be
programmed. Setting the SCO bit in FCCS to 1 to request download must be executed in the on-
chip RAM. The area that can be executed in the steps of the procedure program (on-chip RAM,
user MAT, and external space) is shown in section 22.8.4, Storable Areas for On-Chip Program
and Program Data. The following description assumes that the area to be programmed on the user
MAT is erased and that program data is prepared in the consecutive area.
The program data for one programming operation is always 128 bytes. When the program data
exceeds 128 bytes, the start address of the programming destination and program data parameters
are updated in 128-byte units and programming is repeated. When the program data is less than
128 bytes, invalid data is filled to prepare 128-byte program data. If the invalid data to be added is
H'FF, the program processing time can be shortened.
1. Select the on-chip program to be downloaded and the download destination. When the PPVS
bit in FPCS is set to 1, the programming program is selected. Several programming/erasing
programs cannot be selected at one time. If several programs are selected, a download error is
returned to the SS bit in the DPFR parameter. The on-chip RAM start address of the download
destination is specified by FTDAR.
2. Write H'A5 in FKEY. If H'A5 is not written to FKEY, the SCO bit in FCCS cannot be set to 1
to request download of the on-chip program.
 H'A5 is written to FKEY.
 Setting the SCO bit is executed in the on-chip RAM.
When the SCO bit is set to 1, download is started automatically. Since the SCO bit is cleared
to 0 when the procedure program is resumed, the SCO bit cannot be confirmed to be 1 in the
procedure program. The download result can be confirmed by the return value of the DPFR
parameter. To prevent incorrect decision, before setting the SCO bit to 1, set one byte of the
on-chip RAM start address specified by FTDAR, which becomes the DPFR parameter, to a
value other than the return value (e.g. H'FF). Particular processing that is accompanied by bank
switching as described below is performed when download is executed. Dummy read of FCCS
must be performed twice immediately after the SCO bit is set to 1.
 The user-MAT space is switched to the on-chip program storage area.
 After the program to be downloaded and the on-chip RAM start address specified by
FTDAR are checked, they are transferred to the on-chip RAM.
 FPCS, FECS, and the SCO bit in FCCS are cleared to 0.
 The return value is set in the DPFR parameter.
 The values of general registers of the CPU are held.
 During download, no interrupts can be accepted. However, since the interrupt requests are
held, when the procedure program is resumed, the interrupts are requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com